công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5973D bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện R5973D
Giải thích chi tiết về linh kiện  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 31Page - STMicroelectronics R5973D Datasheet HTML 32Page - STMicroelectronics R5973D Datasheet HTML 33Page - STMicroelectronics R5973D Datasheet HTML 34Page - STMicroelectronics R5973D Datasheet HTML 35Page - STMicroelectronics R5973D Datasheet HTML 36Page - STMicroelectronics R5973D Datasheet HTML 37Page - STMicroelectronics R5973D Datasheet HTML 38Page - STMicroelectronics R5973D Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package information
R5973D
36/39
DocID026876 Rev 1
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39