| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L7292DT bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7292DT bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 60 page ![]() Buck regulator description L7292 48/60 DocID028601 Rev 1 Table 26. Fault summary Fault type Register bit POR BUCK1 - 2 - 3 - 4 - 5 action SUP undervoltage Yes No actions on ALL regulators until SUP ≤ 2.5 V is reached, and then all OFF and SW outputs pulled low through the resistor. VBUCK 1 - 2 - 3 - 4 - 5 undervoltage PSR1 - 2 - 3 - 4 - 5 FL No Enabled at power up before POR rising. Overtemperature TEMPFL Yes ALL regulators OFF and SW outputs pulled low through the resistor. Restart with a soft-start when the temperature falls below the lower threshold. |