công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L7292DT bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện L7292DT
Giải thích chi tiết về linh kiện  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 15Page - STMicroelectronics L7292DT Datasheet HTML 16Page - STMicroelectronics L7292DT Datasheet HTML 17Page - STMicroelectronics L7292DT Datasheet HTML 18Page - STMicroelectronics L7292DT Datasheet HTML 19Page - STMicroelectronics L7292DT Datasheet HTML 20Page - STMicroelectronics L7292DT Datasheet HTML 21Page - STMicroelectronics L7292DT Datasheet HTML 22Page - STMicroelectronics L7292DT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
DocID028601 Rev 1
19/60
L7292
Voltage regulators
60
6.5
BUCK5 switching regulator
Unless otherwise noted, typical values at TA = 25 °C, Vin = 5.0 V.
The max. values are at Tj = 125 °C and the worst case process.
Table 14. BUCK5 switching regulator
Parameter
Conditions
Min.
Typ.
Max. Unit
DC bias current
No load , PFM mode
20
µA
Output DC voltage range
Steady state, ILOAD < 1.6 A
0.7
1.3
V
Output voltage step size
Single step change
25
mV
Load current range
Internal FET, steady state
1.6
A
Current limit threshold
Integrated FET current
4.0(1)
A
PFM current peak
Programmable
0.8(1)
A
DC line regulation
3.3 V < VSUP < 5 V, Iload = 1.6 A
0.5(1)
%/V
DC load regulation
While in PWM
PSR5CFG bit 7 = 1
0.1(1)
%/A
Switching frequency
Programmable
1.3
MHz
Output voltage accuracy
While in PWM
-2
+2
%
Transient response
Load transient time = 10 µs. Referring to CCM,
Vout = 1.1 V, load current from 0 to 80% Imax.
±3(1)
%
Integrated high-side PFET RDS
Vin = 5 V
89
m
Vin = 3.3 V
105
Integrated low-side NFET RDS
Vin = 5 V
58
Vin = 3.3 V
65
Efficiency
Vin = 5.0 V, Vout = 1.1 V, Iload = 1 mA
82(2)
%
Vin = 3.3 V, Vout = 1.1 V, Iload = 1 mA
84(2)
Vin = 5.0 V, Vout = 1.1 V, Iload = 1.6 A
78(2)
Vin = 3.3 V, Vout = 1.1 V, Iload = 1.6 A
78(2)
FB input impedance
0.2
M
Input capacitor
4.7
µF
Output filter capacitor
44
µF
Output filter capacitor ESR
20
m
Output filter inductance
1.0
µH
1. Guaranteed by design.
2. Efficiency measured between the SUP5 PIN and BUCK5 POUT. L = 1
H, DC resistance max. = 0.036 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60