| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L7292 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7292 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 60 page ![]() Pin description L7292 8/60 DocID028601 Rev 1 2 Pin description Table 2. Pinout Pin no. Pin name Type Description D1 NC A1 SUPDR P Power supply A2 SUP3 P Power supply A3 SW3 O BUCK3 regulator switch node A4 GND23 G BUCK2 and BUCK3 ground A5 SW2 O BUCK2 regulator switch node A6 SUP2 P BUCK2 power supply A7 FB2 I BUCK2 regulator feedback A8 LDO INT I Supply voltage to internal circuits A9 SUP P Power supply D2 NC A10 NC A11 VBUS P Serial port supply A12 SDA I/O I2C serial data line A13 NC A14 NC A15 SCL I I2C serial clock line A16 GND G Analog and digital ground A17 MODA I With MODB pin, SET A, B, C, and D selection A18 POR O Power-on reset D3 NC A19 FB1 I BUCK1 regulator feedback A20 NC A21 GND1 G Ground A22 SW1 O BUCK1 regulator switch node A23 SUP14 P BUCK1 and BUCK4 power supply A24 SW4 O BUCK4 regulator switch node A25 GND4 G BUCK4 ground A26 MODB I With MODA pin, SET A, B, C, and D selection A27 NC D4 NC A28 NC |