| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB3500 bảng dữ liệu(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3500 bảng dữ liệu(HTML) 6 Page - Microchip Technology |
|
6 / 45 page ![]() USB3500 DS00002103A-page 6 2005 - 2016 Microchip Technology Inc. 2.0 PIN CONFIGURATION AND PIN DEFINITIONS The USB3500 is offered in a 56-pin QFN package. The pin definitions and locations are documented below. 2.1 USB3500 Pin Locations The flag of the QFN package must be connected to ground with a via array. 2.2 Pin Definitions FIGURE 2-1: USB3500 PINOUT - TOP VIEW TABLE 2-1: USB3500 PIN DEFINITIONS Pin Name Direction, Type Active Level Description 1 VSS Ground N/A PHY ground. 2 XCVRSEL[0] Input N/A Transceiver Select. These signals select between the FS and HS transceivers: Transceiver select. 00: HS 01: FS 10: LS 11: LS data, FS rise/fall times 3 TERMSEL Input N/A Termination Select. This signal selects between the FS and HS terminations: 0: HS termination enabled 1: FS termination enabled SESSVLD DATA[1] DATA[0] DATA[2] DATA[3] DATA[4] DATA[5] DATA[6] DATA[7] RXVALID VSS SESSEND DISCHRGVBUS HOSTDISC VSS DM DP VDD3.3 VSS VDD3.3 RESET TXVALID SUSPENDN ID VBUS TXREADY TERMSEL XCVRSEL0 10 11 12 13 14 42 41 29 30 31 32 34 35 36 37 38 39 40 33 1 2 3 4 5 6 7 8 9 USB3500 Hi-Speed USB UTMI+ PHY 56 Pin QFN GND FLAG |