| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2250I bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2250I bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 43 page ![]() 2009 - 2015 Microchip Technology Inc. DS00002005A-page 17 USB2250/50i/51/51i 6.0 PIN RESET STATE TABLE FIGURE 6-1: PIN RESET STATES TABLE 6-1: LEGEND FOR PIN RESET STATES TABLE Symbol Description 0 Output driven low 1 Output driven high IP Input enabled PU Hardware enables pull-up PD Hardware enables pull-down -- Hardware disables function Z Hardware disables pad. Both output driver and input buffers are disabled. Voltage Signal (v) Time (t) RESET RESET Hardware Initialization Firmware Operational VDD33 VSS |