| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DLPR910 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPR910 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 16 page ![]() DLPR910 GND OE/RESET VCCINT VCCO CLK CE CF CEO DO EN_EXT_SEL REV_SEL0 REV_SEL1 TCK TDI TDO TMS VCCJ DLPR910 www.ti.com DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015 7 Detailed Description 7.1 Overview The configuration bit stream stored in the DLPR910 supports reliable operation of the DLPC910 and the DLP9000XFLS DMD. The DLPC910 digital controller loads this configuration bit stream from the DLPR910. 7.2 Functional Block Diagram Figure 1. System Block Diagram 7.3 Feature Description 7.3.1 Data Interface 7.3.1.1 Data Outputs The DLPR910 is configured for serial mode operation, where D0 is the data output pin. D0 output pin provides a serial connection to the DLPC910, where the configuration is read out by the DLPC910. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: DLPR910 |