công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAP1208 bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện CAP1208
Giải thích chi tiết về linh kiện  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 47Page - Microchip Technology CAP1208 Datasheet HTML 48Page - Microchip Technology CAP1208 Datasheet HTML 49Page - Microchip Technology CAP1208 Datasheet HTML 50Page - Microchip Technology CAP1208 Datasheet HTML 51Page - Microchip Technology CAP1208 Datasheet HTML 52Page - Microchip Technology CAP1208 Datasheet HTML 53Page - Microchip Technology CAP1208 Datasheet HTML 54Page - Microchip Technology CAP1208 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 51
5.21
Standby Channel Register
The Standby Channel register controls which (if any) capacitive touch sensor inputs are enabled in
Standby (see Section 4.3.1.2, "Standby State Sensing Settings").
For all bits in this register:
‘0’ (default) - The specified channel will not be monitored in Standby.
‘1’ - The specified channel will be monitored in Standby. It will use the standby threshold setting,
and the standby averaging and sensitivity settings.
Bit 7 - CS8_STBY - Controls whether the CS8 channel is enabled in Standby.
Bit 6 - CS7_STBY - Controls whether the CS7 channel is enabled in Standby.
Bit 5 - CS6_STBY - Controls whether the CS6 channel is enabled in Standby.
Bit 4 - CS5_STBY - Controls whether the CS5 channel is enabled in Standby.
Bit 3 - CS4_STBY - Controls whether the CS4 channel is enabled in Standby.
Bit 2 - CS3_STBY - Controls whether the CS3 channel is enabled in Standby.
Bit 1 - CS2_STBY - Controls whether the CS2 channel is enabled in Standby.
Bit 0 - CS1_STBY - Controls whether the CS1 channel is enabled in Standby.
5.22
Standby Configuration Register
The Standby Configuration register controls averaging and sensing cycle time for sensor inputs
enabled in Standby. This register allows the user to change averaging and sample times on a limited
number of sensor inputs in Standby and still maintain normal functionality in the Active state.
Bit 7 - AVG_SUM - Determines whether the sensor inputs enabled in Standby will average the
programmed number of samples or whether they will accumulate for the programmed number of
samples.
‘0’ - (default) - The Standby enabled sensor input delta count values will be based on the average
of the programmed number of samples when compared against the threshold.
‘1’ - The Standby enabled sensor input delta count values will be based on the summation of the
programmed number of samples when compared against the threshold. Caution should be used
with this setting as a touch may overflow the delta count registers and may result in false readings.
Table 5.35 Standby Channel Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Standby
Channel
CS8_
STBY
CS7_
STBY
CS6_
STBY
CS5_
STBY
CS4_
STBY
CS3_
STBY
CS2_
STBY
CS1_
STBY
00h
Table 5.36 Standby Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
41h
R/W
Standby
Configuration
AVG_
SUM
STBY_AVG[2:0]
STBY_SAMP_
TIME[1:0]
STBY_CY_TIME
[1:0]
39h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com