công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAP1208 bảng dữ liệu(PDF) 50 Page - Microchip Technology

tên linh kiện CAP1208
Giải thích chi tiết về linh kiện  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 bảng dữ liệu(HTML) 50 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 46Page - Microchip Technology CAP1208 Datasheet HTML 47Page - Microchip Technology CAP1208 Datasheet HTML 48Page - Microchip Technology CAP1208 Datasheet HTML 49Page - Microchip Technology CAP1208 Datasheet HTML 50Page - Microchip Technology CAP1208 Datasheet HTML 51Page - Microchip Technology CAP1208 Datasheet HTML 52Page - Microchip Technology CAP1208 Datasheet HTML 53Page - Microchip Technology CAP1208 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 50
 2014 Microchip Technology Inc.
The Sensor Input Threshold registers store the delta threshold that is used to determine if a touch has
been detected. When a touch occurs, the input signal of the corresponding sensor pad changes due
to the capacitance associated with a touch. If the sensor input change exceeds the threshold settings,
a touch is detected.
When the BUT_LD_TH bit is set (see Section 5.18 - bit 7), writing data to the Sensor Input 1 Threshold
register will update all of the Sensor Input Threshold registers (31h - 37h inclusive).
5.20
Sensor Input Noise Threshold Register
The Sensor Input Noise Threshold register controls the value of a secondary internal threshold to
detect noise and improve the automatic recalibration routine. If a capacitive touch sensor input exceeds
the Sensor Input Noise Threshold but does not exceed the sensor input threshold, it is determined to
be caused by a noise spike. That sample is not used by the automatic recalibration routine. This
feature can be disabled by setting the DIS_DIG_NOISE bit.
Bits 1-0 - CS1_BN_TH[1:0] - Controls the noise threshold for all capacitive touch sensor inputs, as
shown in Table 5.34. The threshold is proportional to the threshold setting.
36h
R/W
Sensor Input 7
Threshold
-64
32
16
8
4
2
1
40h
37h
R/W
Sensor Input 8
Threshold
-64
32
16
8
4
2
1
40h
Table 5.33 Sensor Input Noise Threshold Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
38h
R/W
Sensor Input
Noise Threshold
-
-
--
--
CS_BN_TH
[1:0]
01h
Table 5.34 CSx_BN_TH Bit Decode
CS_BN_TH[1:0]
PERCENT THRESHOLD SETTING
10
00
25%
0
1
37.5% (default)
10
50%
1
1
62.5%
Table 5.32 Sensor Input Threshold Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com