| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM-YROTATE-IT-RX62T bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UM-YROTATE-IT-RX62T bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp |
|
26 / 54 page ![]() RX62T YROTATE-IT-RX62T Motor Control Kit UM-YROTATE-IT-RX62T Rev.1.00 Page 26 of 51 Jan 15, 2014 Phase currents (iumea, ivmea) reading Transformations (using the phase angle ϑ): (iumea, ivmea) → (iamea, ibmea) → (idmea, iqmea) Read DC Link voltage vbus Control interrupt Current PI controls use (idref, iqref), (idmea,iqmea) to produce (vdout, vqout) Transformations (using the phase angle ϑ): (vdout, vqout) → (vaout, vbout) → (vuout, vvout) PWM output commands generation (using vuout, vvout) vbus is used to calculate maximum phase voltage (used in current PI controls) Phase estimation based on old_vaout, old_vbout, iamea, ibmea, produces new estimated phase angle ϑ est Voltage memories update: old_vaout = vaout, old_vbout = vbout Speed estimation produces ω est Estimation errors detection (if errors an alarm is produced) Start-up in progress? NO YES idref = 0 Speed PI control uses ( ω ref, ω est) to obtain iqref Start-up procedure produces idref, iqref, ϑ stup Phase angle update: ϑ = ϑ new ϑ new = ϑ stup ϑ new = ϑ est cnt_int > 0 ? NO YES --cnt_int Main loop synchronization |