| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM-YROTATE-IT-RX62T bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UM-YROTATE-IT-RX62T bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 54 page ![]() RX62T YROTATE-IT-RX62T Motor Control Kit UM-YROTATE-IT-RX62T Rev.1.00 Page 9 of 51 Jan 15, 2014 6. Internal power stage brief description The power stage is a complete 3-phase bridge composed with discrete low voltage power MOSFETs, mounted on the bottom side of the board. The MOSFETs are the Renesas RJK0654DPB n-channel power MOSFETs (please refer to the data-sheet for the characteristics). On the upper side of the board is mounted the MOSFETs driving circuit, composed with discrete elements (refer to the electric drawings). The current reading shunts are also in the bottom side of the board, while the signal conditioning circuit is in the upper side. The inverter has the classical schema with the three shunts on the lower arms: CURRENT READING SHUNTS 3 PHASES BRIDGE |