công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F303RE bảng dữ liệu(PDF) 19 Page - List of Unclassifed Manufacturers

tên linh kiện F303RE
Giải thích chi tiết về linh kiện  STM32 Nucleo-64 boards
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

F303RE bảng dữ liệu(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button F303RE Datasheet HTML 15Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 16Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 17Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 18Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 19Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 20Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 21Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 22Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
DocID025833 Rev 9
15/61
UM1724
Hardware layout and configuration
60
Using VIN or E5V as external power supply
VIN or E5V can be used as external power supply in case the current consumption of
NUCLEO and extensions boards exceeds the allowed current on USB. In this condition it is
still possible to use the USB for communication, for programming or debugging only, but it is
mandatory to power supply the board first using VIN or E5V then connect the USB cable to
the PC. Proceeding this way ensures that the enumeration occurs thanks to the external
power source.
The following power sequence procedure must be respected:
1.
Connect the jumper between pin 2 and pin 3 of JP5.
2.
Check that JP1 is removed.
3.
Connect the external power source to VIN or E5V.
4.
Power on the external power supply 7 V< VIN < 12 V to VIN, or 5 V for E5V.
5.
Check that LD3 is turned ON.
6.
Connect the PC to USB connector CN1.
If this order is not respected, the board may be supplied by VBUS first then by VIN or E5V,
and the following risks may be encountered:
Table 6. External power sources
Input power
name
Connectors
pins
Voltage range
Max
current
Limitation
VIN
CN6 pin 8
CN7 pin 24
7 V to 12 V
800 mA
From 7 V to 12 V only and input current capability
is linked to input voltage:
800 mA input current when Vin=7 V
450 mA input current when 7 V<Vin (< or =) 9 V
250 mA input current when 9 V<Vin (< or =) 12 V
E5V
CN7 pin 6
4.75 V to 5.25 V
500 mA
-
Table 7. Power-related jumper
Jumper
Description
JP5
U5V (ST-LINK VBUS) is used as power source when JP5 is set as shown below (Default
setting)
VIN or E5V is used as power source when JP5 is set as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com