| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DLPC910 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC910 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 50 page ![]() DLPC910 DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015 www.ti.com Pin Functions (continued) PIN ACTIVE I/O TYPE CLOCK SYSTEM DESCRIPTION (HI OR LO) NAME NO. JTAG. Connects to DLPC910, DLPR910, and JTAG TMS_JTAG V12 LVCMOS33_I Hi TCK_JTAG header TMS J8, K17, L8, M17, N8, P17, VCCAUX PWR - - Aux Power. VCC_2P5V R8, T17, U8, V17, W8, W16 H15, J12, J14, J16, K9, K13, K15, L10, L12, L14, L16, M9, M11, M15, N10, N12, N16, VCCINT P9, P11, P15, R10, R12, PWR - - Power. VCC_1P0V R16, T9, T11, T13, T15, U10, U12, U14, U16, V9, V13, V15, W14, Y15 VCCO_0 Y9, W12 PWR - - VCCO_2 AA16, AD17 PWR Power. VCC_3P3V VCCO_4 AB13, AC10 PWR - - VCCO_1 C10, F11 PWR - - VCCO_3 D17, E14 PWR - - VCCO_11 F21, H25, J22 PWR - - VCCO_12 H5, J2, L6 PWR - - VCCO_13 M23, N20, R24 PWR - - VCCO_14 R4, V5, W2 PWR - - Power. VCC_2P5V VCCO_15 B23,C20, E24 PWR - - VCCO_16 D7, E4, G8 PWR - - VCCO_17 T21, V25, W22 PWR - - VCCO_18 AA6, AB3, AD7 PWR - - VCCO_21 AC20, AB23, AE24 PWR - - A1, A6, A11, A16, A21, A26, AA1, AA11, AA21, AA26, AB8, AB18, AC5, AC15, AC25, AD2, AD12, AD22, AE4, AE9, AE14, AE19, AF1, AF6, AF11, AF16, AF21, AF26, B3, B8, B13, B18, C5, C15, C25, D2, D12, D22, E9, E19, F1, F6, F16, F26, G3, G13, G18, G23, H10, H20, J7, J9, J13, J15, J17, K4, K8, K12, K14, K16, K19, K24, L1, L9, L11, L13, L15, L17, L21, L26, M3, M8, M10, GND GND - - M12, M16, M18, N5, N9, N11, N15, N17, N25, P2, P7, P8, P10, P12, P16, P22, R9, R11, R15, R17, R19, T1, T6, T8, T10, T12, T14, T16, T26, U3, U9, U13, U15, U17, U18, U23, V8, V10, V14, V16, V20, W7, W9, W13, W15, W17, Y4, Y14, Y16, Y19, Y24, M13, M14, N13, N14, P13, P14, R13, R14, N18, R18, T18 RESERVED_AC12 AC12 LVCMOS33_O - - Route to via for access to pin output. RESERVED_AD11 AD11 LVCMOS33_O - - Route to via for access to pin output. RESERVED_AA9 AA9 LVCMOS33_I - - Includes internal pull-up RESERVED_Y10 Y10 LVCMOS33_I - - Includes internal pull-up RESERVED_Y11 Y11 LVCMOS33_I - - Includes internal pull-up RESERVED_AB11 AB11 LVCMOS33_I - - Includes internal pull-up RESERVED_F10 F10 LVCMOS33_I - - Includes internal pull-up RESERVED_F8 F8 LVCMOS33_I - - Includes internal pull-up AD9, AD16, AD20, AD21, AD23, AD24, AD25, AD26, AE7, AE8, AE10, AE11, AE12, AE13, AE15, AE16, No Connection. AE17, AE18, AE20, AE21, UNUSED NC - - Unused Pins. AE22, AE23, AE25, AE26, (listed as Xilinx ® NC0 - NC42) AF7, AF8, AF9, AF10, AF12, AF13, AF14, AF15, AF17, AF18, AF19, AF20, AF22, AF23, AF24, AF25 12 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: DLPC910 |