công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP2103 bảng dữ liệu(PDF) 2 Page - Silicon Laboratories

tên linh kiện CP2103
Giải thích chi tiết về linh kiện  DEVICE CUSTOMIZATION GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2103 bảng dữ liệu(HTML) 2 Page - Silicon Laboratories

  CP2103 Datasheet HTML 1Page - Silicon Laboratories CP2103 Datasheet HTML 2Page - Silicon Laboratories CP2103 Datasheet HTML 3Page - Silicon Laboratories CP2103 Datasheet HTML 4Page - Silicon Laboratories CP2103 Datasheet HTML 5Page - Silicon Laboratories CP2103 Datasheet HTML 6Page - Silicon Laboratories CP2103 Datasheet HTML 7Page - Silicon Laboratories CP2103 Datasheet HTML 8Page - Silicon Laboratories CP2103 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AN144
2
Rev. 2.0
4. Customizing Device Descriptors and Other Configurable Options
The descriptors and other configurable options of the devices in the CP210x/CP211x families are modifiable using
the following Windows programs.
These programs are included in the software zip file in this application note. How to use these programs is
described in more detail in the following sections.
CP210xSetIDs uses the Windows Host API functions implemented by CP210xManufacturing.DLL. The Host API
functions give read/write access to the descriptors contained in programmable areas of a connected device.
Another option is implementing a custom application using the Host API and CP210xManufacturing.DLL suited to
the individual needs of a particular production environment.
Both CP2110SetIDs and CP2112SetIDs use the SLABHIDDevice.dll and the customization interface specified in
their respective application notes, “AN433: CP2110 HID to UART API Specification” and “AN496: CP2112 HID
USB to SMBus API Specification”.
The descriptors can also be set in the factory at production time for large orders. Contact your Silicon Laboratories
sales representative for details.
Table 1. Device Customization Programs
Device
Program
CP2101/2/3/4/5
CP210xSetIDs.exe
CP2110
CP2110SetIDs.exe
CP2112
CP2112SetIDs.exe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30