| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP2103 bảng dữ liệu(PDF) 13 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
CP2103 bảng dữ liệu(HTML) 13 Page - Silicon Laboratories |
|
13 / 30 page ![]() AN144 Rev. 2.0 13 5.6. CP210x_SetVid Description: Sets the 2-byte Vendor ID field of the Device Descriptor of a CP210x device. Supported Devices: CP2101, CP2102, CP2103, CP2104, CP2105 Location: CP210x Manufacturing DLL Prototype: CP210x_STATUS CP210x_SetVid( HANDLE Handle, WORD Vid ) Parameters: 1. Handle—Handle to the device to close as returned by CP210x_Open(). 2. VID—2-byte Vendor ID value. Return Value: CP210x_STATUS = CP210x_SUCCESS, CP210x_INVALID_HANDLE, CP210x_DEVICE_IO_FAILED 5.7. CP210x_SetPid Description: Sets the 2-byte Product ID field of the Device Descriptor of a CP210x device. Supported Devices: CP2101, CP2102, CP2103, CP2104, CP2105 Location: CP210x Manufacturing DLL Prototype: CP210x_STATUS CP210x_SetPid( HANDLE Handle, WORD Pid ) Parameters: 1. Handle—Handle to the device to close as returned by CP210x_Open(). 2. PID—2-byte Product ID value. Return Value: CP210x_STATUS = CP210x_SUCCESS, CP210x_INVALID_HANDLE, CP210x_DEVICE_IO_FAILED |