| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V23832-R421-M101 bảng dữ liệu(PDF) 27 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
V23832-R421-M101 bảng dữ liệu(HTML) 27 Page - Infineon Technologies AG |
|
27 / 30 page ![]() V23832-T2431-M101 V23832-R421-M101 Technical Data Data Sheet 27 2003-11-19 Channel Description The MPO connector provides a keying functionality, which requires a 180 degree twist of fiber cable, if used as a direct connection between transmitter and receiver module. (For example the transmitter channel 1 is directly connected to the receiver cannel 1). Handling Instructions Washing Process The PAROLI mating BGA connector can be handled according to standard industry wave solder, hand solder and washing processes. The PAROLI modules shall not be washed, due to possible influence on module performance. Dust Cover The optical connector is provided with a dust cover, which protects the optical interface from potential damage and contamination from dust during handling. The dust cover should always remain in the module, when no connector is used. Transmitter Module (front view as looking into the MPO connector receptacle of the module) Ch 12 Ch 11 Ch 10 Ch 9 Ch 8 Ch 7 Ch 6 Ch 5 Ch 4 Ch 3 Ch 2 Ch 1 Host PCB below Receiver Module (front view as looking into the MPO connector receptacle of the module) Ch 12 Ch 11 Ch 10 Ch 9 Ch 8 Ch 7 Ch 6 Ch 5 Ch 4 Ch 3 Ch 2 Ch 1 Host PCB below |