| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V23832-R421-M101 bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
V23832-R421-M101 bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG |
|
5 / 30 page ![]() V23832-T2431-M101 V23832-R421-M101 Pin Configuration Data Sheet 5 2003-11-19 Figure 2 Pin Information Receiver Numbering Conventions Receiver (bottom view) J I HG F E DCBA 1 V EE DO05P DO05N DO06P DO06N DO07P DO07N DO08P DO08N V EE 2 DO04N V EE V EE V EE V EE V EE V EE V EE V EE DO09P 3 DO04P V EE Reserved Reserved t.b.l.o. t.b.l.o. Reserved Reserved V EE DO09N 4 DO01N V EE Reserved Reserved OEN ENSD Reserved Reserved V EE DO12P 5 DO01P V EE V EE V EE SD01 –SD12 V EE V EE V EE DO12N 6 DO02N V EE V EE V EE Reserved REFR V EE V EE V EE DO11P 7 DO02P V EE V EE V EE V CCO V CCO V EE V EE V EE DO11N 8 DO03N V EE V EE V EE V CCO V CCO V EE V EE V EE DO10P 9 DO03P V EE V EE V EE V CC V CC V EE V EE V EE DO10N 10 VEE V EE V EE V EE V CC V CC V EE V EE V EE V EE This edge towards MPO connector Bottom view File: 3332 Pin A10 Pin A1 |