| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL13A-ASWB bảng dữ liệu(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
SL13A-ASWB bảng dữ liệu(HTML) 18 Page - ams AG |
|
18 / 49 page ![]() SL13A – 18 ams Datasheet: 2014-May-06 [v1-01] C o mmands • Set External Calibration Data - #17 The SET-EXT-CAL-DATA command sets the user calibration values. Those values have no effect on the internal calibration settings. Security level 1. • Set Internal Calibration Data - #18 The SET-INT-CAL-DATA command sets the calibration values for the internal temperature sensor. Security level 1. • Set Passive - #19 The SET-PASSIVE command stops the logging procedure and returns the chip to passive mode. It also stops the timer. Security level 1. • Start Log - #20 The START-LOG command starts the logging procedure and sets the Start time in UTC format. In logging state the chips automatically performs the measurements and data logging in the specified time intervals. Supported is also a delayed start, which means that the chip will start with the logging procedure with a specified delay after it receives the START-LOG command. Security level 1. • Get Log State - #21 The GET-LOG-STATE command gets the log state of following parameters: measurement status and out of limits counter. This gives the ability to quickly check the state of the package without the need to read the whole temperature data log. •Get Calibration Data - #22 The GET-CALIBRATION command reads the calibration data for the internal and external sensors. • Get Battery Level - #23 The GET-BAT-LEVEL command measures and reads the voltage level of the battery. •Verify PW - #24 The VERIFY-PW command is used to verify the various passwords. |