công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL13A-ASWB bảng dữ liệu(PDF) 17 Page - ams AG

tên linh kiện SL13A-ASWB
Giải thích chi tiết về linh kiện  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB bảng dữ liệu(HTML) 17 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 13Page - ams AG SL13A-ASWB Datasheet HTML 14Page - ams AG SL13A-ASWB Datasheet HTML 15Page - ams AG SL13A-ASWB Datasheet HTML 16Page - ams AG SL13A-ASWB Datasheet HTML 17Page - ams AG SL13A-ASWB Datasheet HTML 18Page - ams AG SL13A-ASWB Datasheet HTML 19Page - ams AG SL13A-ASWB Datasheet HTML 20Page - ams AG SL13A-ASWB Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 17
C o mmands
• Lock DSFID - #10
The LOCK-DSFID command locks the DSFID block. It cannot
be unlocked anymore.
Security level 1.
• Reset to Ready - #11
The RESET-TO-READY command puts the chip from Quiet
to Ready state. It is effective only in Quiet state.
•Get System Info - #12
The GET-SYSTEM-INFO command gets the system
information of the chip, including info flags, UID, chip
revision, blocks and size.
•Set PW - #13
The SET-PW command sets the passwords for the selected
password level. The passwords are parallel, which means
that the user can protect individual areas and not affect
the other areas.
Security levels 1, 2 or 3, respectively.
Figure 15:
Security Levels Explained
•Set Log Mode - #14
The SET-LOG-MODE command defines the sensor type
(internal/external sensors), logging form, extreme upper
limit and storage rules.
Security level 1.
• Set Log Limits - #15
The SET-LOG-LIMITS command sets the logging higher,
lower and extreme lower limits. Those limits are used in
the Limits modes and ignored in the Dense mode.
Security level 1.
• Get Measurement Setup - #16
The GET-MEASUREMENT-SETUP command reads 4
system blocks - Start time, Log limits, Log mode and Delay
time.
Security Level
Password
Access
0No
All open
1
System password
System area
2
User password
User area
3
Measurement password
Measurement area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49