công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5047P-ATST bảng dữ liệu(PDF) 7 Page - ams AG

tên linh kiện AS5047P-ATST
Giải thích chi tiết về linh kiện  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS5047P-ATST bảng dữ liệu(HTML) 7 Page - ams AG

Back Button AS5047P-ATST Datasheet HTML 3Page - ams AG AS5047P-ATST Datasheet HTML 4Page - ams AG AS5047P-ATST Datasheet HTML 5Page - ams AG AS5047P-ATST Datasheet HTML 6Page - ams AG AS5047P-ATST Datasheet HTML 7Page - ams AG AS5047P-ATST Datasheet HTML 8Page - ams AG AS5047P-ATST Datasheet HTML 9Page - ams AG AS5047P-ATST Datasheet HTML 10Page - ams AG AS5047P-ATST Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ams Datasheet
Page 7
[v1-00] 2014-Oct-31
Document Feedback
AS5047P − Magnetic Characteristics
Figure 7:
Magnetic Specifications
Note(s) and/or Footnote(s):
1. it is possible to operate the AS5047P below 35mT with reduced noise performance.
Figure 8:
System Specifications
Symbol
Parameter
Conditions
Min
Max
Unit
Bz
Orthogonal magnetic field
strength, normal operating
mode
Required orthogonal component of the
magnetic field strength measured at the
die's surface along a circle of 1.1mm
35
70
mT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Core resolution
14
bit
RES_ABI
Resolution of the ABI
interface
Programmable with register
setting (ABIRES)
100
4096
Steps per
revolution
INLOPT @
25°C
Non-linearity, optimum
placement of the
magnet
±0.8
Deg
INLOPT+TEMP
Non-linearity optimum
placement of the
magnet over the full
Temperature Range
±1
Deg
INLDIS+TEMP
Non-linearity @
displacement of
magnet and
temperature -40°C to
150°C
Assuming N35H Magnet
(D=8mm, H=3mm) 500um
displacement in x and y
z-distance @ 2000um
±1.2
Deg
ONL
RMS output noise
(1 sigma). Not tested,
guaranteed by design.
Orthogonal component for
the magnetic field within the
specified range (Bz),
NOISESET = 0
0.068
degree
ON_PWM
RMS output noise
(1 sigma) on PWM
interface
Orthogonal component for
the magnetic field within the
specified range (Bz)
0.068
degree
tdelay
System propagation
delay –core
Reading angle via SPI
90
110
μs
Magnetic Characteristics
System Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com