công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3510 bảng dữ liệu(PDF) 6 Page - ams AG

tên linh kiện AS3510
Giải thích chi tiết về linh kiện  Analog Audio Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3510 bảng dữ liệu(HTML) 6 Page - ams AG

Back Button AS3510 Datasheet HTML 2Page - ams AG AS3510 Datasheet HTML 3Page - ams AG AS3510 Datasheet HTML 4Page - ams AG AS3510 Datasheet HTML 5Page - ams AG AS3510 Datasheet HTML 6Page - ams AG AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG AS3510 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 5 of 19
Functional Description
Audio DAC
Block Description
This block is the complete audio DAC delivering 93dB
dynamic range. It is comprised of a multibit sigma-delta
modulator with dither option and a switched-capacitor
analog filter. This architecture provides a high insensitivity
to clock jitter. A digital interpolation filter increases the
sample rate by a factor of 8 using 3 linear phase, half-band
filters cascaded, followed by a first order SINC interpolator
with a factor of 8. This filter eliminates the images of
baseband audio remaining only the image at 64* the input
sample rate. Optionally, a dither signal can be added that
may reduce eventual noise tones at the output. However,
the use of a multibit delta-sigma modulator already
provides extremely low noise tone energy.
Signal Description
Setting DACPD to ´1´ forces the analog section to power-
down. For Normal-Operation the I2S signals have to be
applied as shown below:
15
0
17
2
0
1
15
0
17
2
0
1
MCLK
LRCK
SCLK
SDATA(16)
SDATA(18)
64 MCLK cycles
Left Channel
64 MCLK cycles
Right Channel
Figure 2
I2S Waveforms
The LRCK defines if the transferred data is for the left or
right channel (L=left).
With the rising edge of the serial clock SCLK, the
inputdata gets strobed.
The data word at SDATA is max. 18 bit with MSB first and
2nd complement coded. All I2S signals change state with
falling edge of SCLK.
code
hex value
Max. positive code
1FFFF (hex)
+1
00001 (hex)
0
00000 (hex)
-1
3FFFF (hex)
Max. negative code:
20000 (hex)
Table 4
I2S Code Values
If the dataword length is less than 18 bit, zeros have to be
added to avoid any offset value.
The frequency of master clock MCLK has to be 128 times
the input sample rate (F(LRCK)*128) with low jitter. The
rising edge of MCLK should be separated by >10ns from
LRCK edges.
There are 2 pins needed for the generation and decoupling
of reference-voltages for the DAC. AGND is AVDD/2 and
VREF is equal to AVDD. Both pins have high output
resistance which provides a suitable lowpass filter for
these reference voltages with external capacitors of 10uF
in parallel with 100nF.
The supply lines are separate for digital DVSS / DVDD and
analog AVSS / AVDD to minimise coupling influences.
The analog output is differential stereo signal at nodes
OUTRN, OUTRP and OUTLN, OUTLP respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20