công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3415 bảng dữ liệu(PDF) 89 Page - ams AG

tên linh kiện AS3415
Giải thích chi tiết về linh kiện  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3415 bảng dữ liệu(HTML) 89 Page - ams AG

Back Button AS3415 Datasheet HTML 85Page - ams AG AS3415 Datasheet HTML 86Page - ams AG AS3415 Datasheet HTML 87Page - ams AG AS3415 Datasheet HTML 88Page - ams AG AS3415 Datasheet HTML 89Page - ams AG AS3415 Datasheet HTML 90Page - ams AG AS3415 Datasheet HTML 91Page - ams AG AS3415 Datasheet HTML 92Page - ams AG AS3415 Datasheet HTML 93Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 89
P C B La y o ut Recommendation
Figure 109:
Line Input and Headphone Layout Recommendation
AS3415/35 Line Input and HPH Layout recommendation: This diagram shows the layout recommendation of
the AS3415/35 line input amplifier and the headphone amplifier.
Headphone Layout:
Use wide signal lines for line input ground, headphone ground and signal lines as well as for the music bypass
lines. A weak signal line on any of these connections can influence channel separation of the device.
GND
HPL
HPR
T1
HP
C
R2
R2
R1
R1
BAT
GND
R
L
CHP
HPR
HPL
BPL
BPR
QLINL
LINL
TRSDA
TRSCL
LINR
QLINR
~~
~~
TOP LAYER
SILK SCREEN TOP LAYER
BOARD OUTLINE
BOTTOM LAYER
COMMENT LAYER
Line input ground plane for all line
input related components.
Dedicated headphone
ground connection from
headphone terminal back to
battery ground terminal.
Dedicated lien input ground
connection from line input
terminal back to
battery ground terminal.
AS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More