| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM239AD bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM239AD bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 37 page ![]() OL CE OUT V R I = N CE L R C t @ ´ P PULLUP L R C t @ ´ LM139, LM239, LM339, LM139A LM239A, LM339A, LM2901, LM2901AV, LM2901V SLCS006T – OCTOBER 1979 – REVISED JUNE 2015 www.ti.com The following list describes the outcomes of some input voltage situations. • When both IN– and IN+ are both within the common-mode range: – If IN– is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking current – If IN– is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is not conducting • When IN– is higher than common mode and IN+ is within common mode, the output is low and the output transistor is sinking current • When IN+ is higher than common mode and IN– is within common mode, the output is high impedance and the output transistor is not conducting • When IN– and IN+ are both higher than common mode, the output is low and the output transistor is sinking current 9.2.2.2 Minimum Overdrive Voltage Overdrive voltage is the differential voltage produced between the positive and negative inputs of the comparator over the offset voltage (VIO). In order to make an accurate comparison, the overdrive voltage (VOD) must be higher than the input offset voltage (VIO). Overdrive voltage can also determine the response time of the comparator, with the response time decreasing with increasing overdrive. Figure 8 and Figure 9 show positive and negative response times with respect to overdrive voltage. 9.2.2.3 Output and Drive Current Output current is determined by the load and pullup resistance and logic and pullup voltage. The output current produces a low-level output voltage (VOL) from the comparator, where VOL is proportional to the output current. The output current can also effect the transient response. 9.2.2.4 Response Time The load capacitance (CL), pullup resistance (RPULLUP), and equivalent collector-emitter resistance (RCE) levels determine the transient response. Equation 1 approximates the positive response time. Equation 2 approximates the negative response time. Equation 3 calculates the collector-emitter resistance. (1) (2) where • VOL is the low-level output voltage • IOUT is the output current (3) 12 Submit Documentation Feedback Copyright © 1979–2015, Texas Instruments Incorporated Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |