| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV331M5/NOPB bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV331M5/NOPB bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 38 page ![]() LMV331-N, LMV339-N, LMV393-N SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014 www.ti.com Typical Applications (continued) Solving these equations for t1 and t2 t1 = R4C1ln2 (17) t2 = R5C1ln2 (18) These terms will have a slight error due to the fact that Vmax is not exactly equal to 2/3 VCC but is actually reduced by the diode drop to: (19) (20) (21) 8.2.4 Positive Peak Detector Figure 25. Positive Peak Detector Positive peak detector is basically the comparator operated as a unit gain follower with a large holding capacitor from the output to ground. Additional transistor is added to the output to provide a low impedance current source. When the output of the comparator goes high, current is passed through the transistor to charge up the capacitor. The only discharge path will be the 1-M Ω resistor shunting C1 and any load that is connected to the output. The decay time can be altered simply by changing the 1-M Ω resistor. The output should be used through a high impedance follower to a avoid loading the output of the peak detector. 8.2.5 Negative Peak Detector Figure 26. Negative Peak Detector For the negative detector, the output transistor of the comparator acts as a low impedance current sink. The only discharge path will be the 1-M Ω resistor and any load impedance used. Decay time is changed by varying the 1- M Ω resistor. 20 Submit Documentation Feedback Copyright © 1999–2014, Texas Instruments Incorporated Product Folder Links: LMV331-N LMV339-N LMV393-N |