| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV331M5/NOPB bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV331M5/NOPB bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 38 page ![]() LMV331-N, LMV339-N, LMV393-N SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014 www.ti.com 8.2 Typical Applications 8.2.1 Squarewave Oscillator Figure 20. Squarewave Oscillator 8.2.1.1 Design Requirements Comparators are ideal for oscillator applications. This square wave generator uses the minimum number of components. The output frequency is set by the RC time constant of the capacitor C1 and the resistor in the negative feedback R4. The maximum frequency is limited only by the large signal propagation delay of the comparator in addition to any capacitive loading at the output, which would degrade the output slew rate. 8.2.1.2 Detailed Design Procedure Figure 21. Squarewave Oscillator Timing Thresholds To analyze the circuit, assume that the output is initially high. For this to be true, the voltage at the inverting input Vc has to be less than the voltage at the non-inverting input Va. For Vc to be low, the capacitor C1 has to be discharged and will charge up through the negative feedback resistor R4. When it has charged up to value equal to the voltage at the positive input Va1, the comparator output will switch. Va1 will be given by: (9) 16 Submit Documentation Feedback Copyright © 1999–2014, Texas Instruments Incorporated Product Folder Links: LMV331-N LMV339-N LMV393-N |