công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF7991AT bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện PCF7991AT
Giải thích chi tiết về linh kiện  Fully integrated single chip basestation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

PCF7991AT bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PCF7991AT Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 5Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 6Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 7Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 8Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 9Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 10Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 11Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
printed 1998 Apr 20
8
Philips Semiconductors
Product Specification (Rev. 1998 Apr 20)
Advanced Basestation IC
PCF7991AT
low pass filter. Miss-tuning of the resonance antenna
circuit by component spreads or due to ambient
temperature changes results in a change of the phase
relationship. The actual phase relationship is determined
by a READ_PHASE command (see Table 6) and used to
calculate the optimum receive signal sampling time with
support of an external microcontroller.
8.5.4
DETERMINING THE SAMPLING TIME
Measurement, calculation and setting of the sampling time
is typically implemented during system power-up
initialization when the transponder is also in its power-up
sequence not sending any data. As soon as the oscillator
and resonance antenna circuit are settled a phase
measurement is initiated and the sampling time
determined according to the following relation:
TS = 2 * TANT + TOFFSET
TS
Receive signal sampling time
TANT
Actual phase measurement
TOFFSET
Offset that accounts for the phase shift due
to the antenna tap voltage attenuation and
low pass filtering
After setting the sampling time the receiver has to settle
before data can be demodulated and digitized properly.
8.5.5
DATA AMPLITUDE COMPARISON
For advanced receiver sampling time optimization the
demodulated data signal strength can be weighted by
amplitude comparison and the result reported in the status
bit AMPCOMP (see Table 13).
When the ACQAMP control bit (see Table 10) is set by a
SET_CONFIG_PAGE command, the actual demodulated
data signal amplitude is stored as reference. After
resetting the ACQAMP control bit the status bit
AMPCOMP is set, when the actual data signal amplitude
is larger than the stored reference otherwise it is cleared.
8.5.6
SYSTEM DIAGNOSTICS
In order to detect an antenna short or open condition the
receiver input voltage at the RX-pin is monitored and an
antenna fail condition is reported in the status bit ANTFAIL,
(see Table 13). If the receiver input voltage does not
exceed the diagnostic threshold level VDTH (see
Chapter 11), the status bit ANTFAIL is set, otherwise it is
cleared. The status bit is updated once per antenna carrier
period and can be read by a GET_CONFIG_Page 2 or 3
command (see Table 13). The status bit is undefined in
Power-down or Idle mode, during the oscillator start-up
time and when the antenna drivers are disabled.
Advanced system diagnostics are feasible by considering
the phase measurement information also.
8.6
Power-on reset
The device generates an internal power-on reset to
initialize the chip after power-on or power fail condition. As
a result the control register is initialized according to
Table 11.
8.7
Power-down modes
After a power-on reset condition the device operates in
ACTIVE mode. The PCF7991AT supports an Idle and
Power-down mode for power saving means. The mode of
operation is determined by control bits addressed by an
SET_CONFIG_PAGE 1 command (see Table 10).
In Idle mode only the oscillator and a minimum of other
circuitry is active. In Power-down mode the device is in
OFF state completely. The serial interface is operational in
any case in order to provide access to the control register.
8.8
Serial Interface
The communication between the PCF7991AT and the
microcontroller is done via a three wire digital interface.
The interface is used to issue commands for writing and
reading of device configuration data and for writing and
reading to the transponder in one of the transparent
modes (READ_TAG, WRITE_TAG). Device configuration
is stored in a control register with read back feature.
The interface is operated by the following signals:
SCLK
Clock
DIN
Data Input
DOUT
Data Output
SCLK and DIN are realized as Schmitt-Trigger inputs.
DOUT is an open drain output with internal pullup resistor.
Any communication between the PCF7991AT and the
microcontroller begins with an initialization of the serial
interface before the desired command can be issued. The
interface initialization condition is a low-to-high transition
of the signal DIN while SCLK is high (see Fig.4).
All commands are transmitted to the PCF7991AT serial
interface starting with Most Significant Bit (MSB). DIN is
latched with a high state at SCLK. DOUT is valid during the
high state of SCLK (MODE pin connected to VSS).
DOUT and DIN may be connected to each other in order to
form a two wire communication link with the
microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com