công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX88196L bảng dữ liệu(PDF) 37 Page - ASIX Electronics Corporation

tên linh kiện AX88196L
Giải thích chi tiết về linh kiện  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASIX [ASIX Electronics Corporation]
Trang chủ  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L bảng dữ liệu(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 33Page - ASIX Electronics Corporation AX88196L Datasheet HTML 34Page - ASIX Electronics Corporation AX88196L Datasheet HTML 35Page - ASIX Electronics Corporation AX88196L Datasheet HTML 36Page - ASIX Electronics Corporation AX88196L Datasheet HTML 37Page - ASIX Electronics Corporation AX88196L Datasheet HTML 38Page - ASIX Electronics Corporation AX88196L Datasheet HTML 39Page - ASIX Electronics Corporation AX88196L Datasheet HTML 40Page - ASIX Electronics Corporation AX88196L Datasheet HTML 41Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
37
Errata of AX88196 Version ED2
1. SNI (Serial Network Interface) has bug for HomePNA application.
Solution: Using MII interface for HomePNA solution. Refer to “Demonstration
Circuit” on page 37 to 41.
2. SPP (Standard Printer Port) is fail on 186 and 68K modes. Because of can't
read out correct information of x19h status port.
Solution: This version do not support SPP function on the two modes. If user
want to use general purpose port for reading external status. Please using
x18h data port to replaces it.
3. SPP command port readback value is from internal registers instead of
external pins
Solution: ASIX will not fix the problem at this moment. Care must be taken
when doing the external pins diagnostic.
4. DTACK can’t fit 68K CPU timing in 68K mode
Solution : Using the DTACK automatic insertion function in 68K CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42