| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX88196L bảng dữ liệu(PDF) 22 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88196L bảng dữ liệu(HTML) 22 Page - ASIX Electronics Corporation |
|
22 / 42 page ![]() AX88196 Local CPU BUS MAC Controller ASIX ELECTRONICS CORPORATION 22 4.14 SPP Data Port Register (SPP_DPR) Offset 18H (Read/Write) FIELD NAME DESCRIPTION 7:0 DP Printer Data Port 4.15 SPP Status Port Register (SPP_SPR) Offset 19H (Read) FIELD NAME DESCRIPTION 7 /BUSY Reading a ‘0’ indicates that the printer is not ready to receive new data. 6 /ACK Reading a ‘0’ indicates that the printer has received the data and is ready to accept new data. 5 PE Reading a ‘1’ indicates that the printer is out of paper. 4 SLCT Reading a ‘1’ indicates that the printer has power on. 3 /ERR Reading a ‘0’ indicates that there is an error condition at the printer. 2:0 - Reserved 4.16 SPP Command Port Register (SPP_CPR) Offset 1AH (Read/Write) FIELD NAME DESCRIPTION 7:6 - Reserved 5 /DOE Seting to ‘0’ enable print data output to printer. Default sets to ‘1’. 4 IRQEN IRQ enable : printer port interrupt is not supportted. 3 SLCTIN Seting to ‘1’ selects the printer. 2 /INIT Seting to ‘0’ initiates the printer 1 ATFD Seting to ‘1’ causes the printer to automatically feed one line after each line is printed. 0 STRB Seting a low-high-low pulse on this register is used to strobe the print data into the printer. |