công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z89319 bảng dữ liệu(PDF) 1 Page - Zilog, Inc.

tên linh kiện Z89319
Giải thích chi tiết về linh kiện  DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89319 bảng dữ liệu(HTML) 1 Page - Zilog, Inc.

  Z89319 Datasheet HTML 1Page - Zilog, Inc. Z89319 Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Z89319
CPS5TEL0800
PRELIMINARY
CP95TEL0800 (6/95)
FEATURES
s
Part
ROM
RAM
Speed
Number
(Word)
(Word)
(MHz)
Z89319
0
0
12
s
124-Pin Grid Array (PGA) Package
s
4.5- to 5.5-Volt Operating Range
s
Z89C00 RISC Processor Core
s
0
°C to +70°C Temperature Range
GENERAL DESCRIPTION
PRELIMINARY
CUSTOMER PROCUREMENT SPECIFICATION
Z89319
DIGITAL TELEVISION CONTROLLER
IN-CIRCUIT EMULATOR (ICE) DEVICE
The Z89319 is a ROMless ICE chip version of the Z89300
family of Zilog's Digital Television Controllers designed for
use in emulators and development boards to provide
complete audio and video control of television receivers,
video recorders, and advanced on-screen display facilities.
The powerful Z89C00 RISC processor core allows users to
control on-board peripheral functions and registers using
the standard processor instruction set.
In closed caption mode, text can be decoded directly from
the composite video signal and displayed on the screen
with assistance from the processor's digital signal
processing capabilities. The character representation in
this mode allows for a simple attribute control through the
insertion of control characters.
The character control mode provides access to the full set
of attribute controls. The modification of attributes is allowed
on a character-by-character basis. The insertion of control
characters permits direction of other character attributes.
Display attributes, including underlining, italics, blinking,
eight foreground/background colors, character position
offset delay, and background transparency, are made
possible through a fully customized 512 character set,
formatted in two 256 character banks.
Serial interfacing with the television tuner is provided
through the tuner serial port. Digital channel tuning
adjustments may be accessed through the industry-
standard I2C port.
Additional hardware provides the capability to display two
to three times normal size characters. The smoothing logic
contained in the on-screen display circuit improves the
appearance of larger fonts. Special circuitry can be
activated to improve the visibiity of text by adding a right-
sided shadow effect to the characters.
Receiver functions such as color and volume can be
directly controlled by six 8-bit pulse width modulated
ports.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.:
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
s
Direct Closed Caption Decoding
s
TV Tuner Serial Interface
s
Customized Character Set
s
Character Control Mode
s
Directly Controlled Receiver Functions


Số phần tương tự - Z89319

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zilog, Inc.
Z89319 ZILOG-Z89319 Datasheet
59Kb / 7P
DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
More results

Mô tả tương tự - Z89319

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mosel Vitelic, Corp
MSM9058 MOSEL-MSM9058 Datasheet
16Kb / 1P
ICE (In-Circuit Emulator) Card of U001
MSM9068 MOSEL-MSM9068 Datasheet
5Kb / 1P
ICE (In-Circuit Emulator) Card of U3041
logo
Zilog, Inc.
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
DIGITAL TELEVISION CONTROLLER
Z90349 ZILOG-Z90349 Datasheet
92Kb / 8P
DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
Digital Television Controller
Z89319 ZILOG-Z89319 Datasheet
59Kb / 7P
DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
Digital Television Controller
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com