| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z86C7216FSC bảng dữ liệu(PDF) 52 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86C7216FSC bảng dữ liệu(HTML) 52 Page - Zilog, Inc. |
|
52 / 71 page ![]() Z86C72/C92/L72/L92 IR Microcontroller Zilog 6-52 P R E L I M I N A R Y DS97LVO0900 FUNCTIONAL DESCRIPTION (Continued) Port Configuration Register (PCON). The PCON regis- ter configures the comparator output on Port 3. It is locat- ed in the expanded register file at Bank F, location 00 (Fig- ure 37). Figure 37. Port Configuration Register (PCON) (Write Only) Reserved (Must be 1) D7 D6 D5 D4 D3 D2 D1 D0 PCON (FH) 00H Comparator Output Port 3 0 P34, P37 Standard Output* 1 P34, P37 Comparator Output * Default Setting After Reset |