công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86C7216FSC bảng dữ liệu(PDF) 33 Page - Zilog, Inc.

tên linh kiện Z86C7216FSC
Giải thích chi tiết về linh kiện  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC bảng dữ liệu(HTML) 33 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 29Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 30Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 31Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 32Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 33Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 34Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 35Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 36Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-33
1
Register File. The register file (bank 0) consists of four I/O
port registers, 236 general-purpose registers, and 16 con-
trol and status registers (R0-R3, R4-R239, and R240-
R255, respectively), Plus two expanded registers groups
(Banks D and F). Instructions can access registers directly
or indirectly through an 8-bit address field. This allows a
short, 4-bit register address using the Register Pointer
(Figure 23). In the 4-bit mode, the register file is divided
into 16 working register groups, each occupying 16 contin-
uous locations. The Register Pointer addresses the start-
ing location of the active working register group.
Note: Working register group E0-EF can only be access-
ed through working registers and indirect addressing
modes.
Stack. The Z86L/CX2 external data memory or the inter-
nal register file is used for the stack. An 8-bit Stack Pointer
(R255) is used for the internal stack that resides in the gen-
eral-purpose registers (R4-R239). SPH is used as a gen-
eral-purpose register only when using internal stacks.
Note: When SPH is used as a general-purpose register
and Port 0 is in address mode, the contents of SPH will be
loaded into Port 0 whenever the internal stack is accessed.
Figure 20. Register Pointer
D7
D6
D5
D4
D3
D2
D1
D0
Expanded Register File Pointer
Working Register Pointer
R253 RP
Default Setting After Reset = 0000 0000
Figure 21. Register Pointer
The upper nibble of the register file address
provided by the register pointer specifies
the active working-register group
r
7
r
6
r
5
r
4
R253
I/O Ports
Specified Working
Register Group
The lower nibble
of the register
file address
provided by the
instruction points
to the specified
register
r
3
r
2
r
1
r
0
Register Group 0
FF
Register Group 1
2F
1F
0F
00
10
20
F0
R15 to R4
R3 to R0
R15 to R0
R15 to R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com