công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPG-FE-LX-CDFC bảng dữ liệu(PDF) 3 Page - Source Photonics, Inc.

tên linh kiện SPG-FE-LX-CDFC
Giải thích chi tiết về linh kiện  Built-in PHY supporting SGMII Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPG-FE-LX-CDFC bảng dữ liệu(HTML) 3 Page - Source Photonics, Inc.

  SPG-FE-LX-CDFC Datasheet HTML 1Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 7Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 8Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS-7362 Rev 02 2013-11-21
SPG-FE-LX-IDFC
SPG-FE-LX-CDFC
4.
Measured with 4B/5B code for 125Mbps, worst-case extinction ratio, and BER ≤1 × 10
-10.
Electrical Characteristics
Table 5 – Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Data Input Swing Differential
(SGMII Series interface)
VIN
200
2100
mV
1
Input Differential Impedance
ZIN
80
100
120
Ω
TX Disable
Disable
2.0
Vcc
V
Enable
Vee
Vee+0.8
TX Fault
Fault
2.0
Vcc
V
Normal
Vee
Vee+0.5
Receiver
Data Output Swing Differential
(SGMII Series Interface)
VOUT
370
2000
mV
1
LOS
High
2.0
Vcc+0.3
V
Low
Vee
Vee+0.5
Notes:
1.
PECL logic, internally AC coupled.
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com