công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LE25S161PCTXG bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện LE25S161PCTXG
Giải thích chi tiết về linh kiện  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button LE25S161PCTXG Datasheet HTML 6Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 7Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 8Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 9Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 10Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 11Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 12Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 13Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
LE25S161
www.onsemi.com
10
7. Device Operation
7-1. Standard SPI Modes
The read, erase, progra m and other required functions of the device are e xecuted through the command registers. The
serial I/ O corrugate is shown in "Figure 1. SPI Modes" and the command list are shown in "Table.1-1. Co mmand Settings
(Standard SPI)". At the fa lling CS edge the device is selected, and serial input is enabled for the co mmands, addresses, etc.
These inputs are norma lized in 8 b it units and taken into the device interior in synchronization with the rising edge of SCK,
which causes the device to execute operation according to the command that is input.
The LE25S161 supports both serial interface SPI mode 0 and SPI mode 3. At the falling CS edge, SPI mode 0 is
automatically selected if the logic level of SCK is low, and SPI mode 3 is automatica lly selected if the logic leve l of SCK
is high.
Figure 1. SPI Modes
7-2. Dual SPI Modes
The LE25S161 supports Dual SPI operations when using "Dual Output Read (RDDO: 3Bh)", "Dual I/O Read (RDIO:
BBh)". The SI and SO p ins change into the input/output pin (SIOx) during the Dual SPI modes. The command list is
shown in "Table.1-2. Command Settings (Dual SPI)".
Pin Configurations at Dual SPI Mode
Standard SPI
Dual SPI
SI
SIO0
SO
SIO1
CS
SCK
SO
SI
High Impedance
DATA
DATA
1st byte
2nd byte
8CLK
Mode0
Mode3
Nth byte
MSB
(Bit7)
LSB
(Bit0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com