công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LE25S161PCTXG bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện LE25S161PCTXG
Giải thích chi tiết về linh kiện  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button LE25S161PCTXG Datasheet HTML 4Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 5Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 6Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 7Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 8Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 9Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 10Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 11Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
LE25S161
www.onsemi.com
8
5. Pin Description
Sy mbol
Pin Name
IO
Description
CS
Chip select
I
The dev ice becomes activ e when the logic lev el of this pin is low; it is deselected and placed in
standby status when the logic lev el of the pin is high.
SCK
Serial clock
I
This pin controls the data input/output timing.
The input data and addresses are latched sy nchronized to the rising edge of the serial clock, and
the data is output sy nchronized to the f alling edge of the serial clock.
SI
(SIO0)
Serial data input
(Serial data input output)
I/O
The data and addresses are input f rom this pin, and latched internally sy nchronized to the rising
edge of the serial clock.
(It changes into input/output pin during the Dual operation.)
SO
(SIO1)
Serial data output
(Serial data input output)
I/O
The data stored inside the dev ice is output f rom this pin sy nchronized to the f alling edge of the
serial clock.
( It changes into input/output pin during the Dual operation.)
WP
Write protect
I
The Write Status Register Protect (SRWP) takes ef f ect when the logic lev el of this pin is low.
HOLD
Hold
I
Serial communication is suspended when the logic lev el of this pin is low.
VDD
Power supply
This pin supplies the 1.65 to 1.95V supply v oltage.
VSS
Ground
This pin supplies the 0V supply v oltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com