| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD6830P bảng dữ liệu(PDF) 24 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SD6830P bảng dữ liệu(HTML) 24 Page - AUK corp |
|
24 / 34 page ![]() KSI-W002-000 24 IFEQU @HL Binary code : 00001111 Syntax : [<label>] IFEQU @HL Operation : (A) = M[(HL)] Flags : CY : Unaffected SF : Set to one if equal, cleared otherwise Words/Cycles : 1/1 Description : Compares the contents of accumulator with the contents of data memory addressed by registers H and L. Example : LDA 14 ; Load 14 to A, and 14 must be decimal number SETB H ; Sets H to one LDL 4 ; Loads 4 to L IFEQU @HL ; Compares 14 with M[(14)] JMP 050 ; Jump to 050 if not equal JMP 060 ; Jump to 060 if equal IFEQU n Binary code : 00001110 0111xxxx Syntax : [<label>] IFEQU n Operation : (A) = n, n = 0 ~15 ( n must be decimal number ) Flags : CY: Unaffected SF: Set to one if equal, cleared otherwise Words/Cycles : 2/2 Description : Compares the contents of accumulator with an immediate data. Example : IFEQU 15 ; Compare the contents of accumulator with 15 JMP 070 ; Jump to 070 if not equal JMP 080 ; Jump to 080 if equal INC L Binary code : 00100010 Syntax : [<label>] INC L Operation : (L) ← (L) + 1 Flags : CY : Unaffect SF:As a result of execution, set to one if the contents of register L are zero, cleared otherwise. Words/Cycles : 1/1 Description : The contents of register L are incremented by one. Example : LDL 14 ; Load 14 to L INC L ; The contents of L are incremented by one INC L ; The contents of L are incremented by one JMP 090 ; It is skipped because the contents of L is JMP 0A0 ; Jump to 0A0 SD6830 |