công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD6830 bảng dữ liệu(PDF) 8 Page - AUK corp

tên linh kiện SD6830
Giải thích chi tiết về linh kiện  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AUK [AUK corp]
Trang chủ  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 bảng dữ liệu(HTML) 8 Page - AUK corp

Back Button SD6830 Datasheet HTML 4Page - AUK corp SD6830 Datasheet HTML 5Page - AUK corp SD6830 Datasheet HTML 6Page - AUK corp SD6830 Datasheet HTML 7Page - AUK corp SD6830 Datasheet HTML 8Page - AUK corp SD6830 Datasheet HTML 9Page - AUK corp SD6830 Datasheet HTML 10Page - AUK corp SD6830 Datasheet HTML 11Page - AUK corp SD6830 Datasheet HTML 12Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
KSI-W002-000
8
6.5
Arithmetic and Logic Unit (ALU)
This unit is used to perform arithmetic and logical operations such as addition,
comparison, and bit manipulation.
6.6
Carry Flag (CY)
The carry flag contains the carry generated by the arithmetic and logical unit immediately
after an operation. The set carry (SETB CY) and clear carry (CLRB CY) instructions allow
direct access for setting and clearing this flag.
6.7
Skip Flag (SF)
The skip flag is a 1-bit register, which enables programs to conditionally skip an instruction.
All instructions are executed when this flag is
, the program executes
NOP instruction and resets SF to “0”. Then program execution proceeds.
The following instructions affect the skip flag
Instructions
Set conditions of SF
Arithmetic
ADD n
INC L
If carry occurs
(L) = 0
Compare
IF0 @HL.b
IF0 CY
IFEQU @HL
IFEQU n
M[HL].b = 0
(CY) = 0
(A) = M[HL].b
(A) = n
Data Transfer
STA @HL+
XCH @HL+
(L) = 0
(L) = 0
The instructions, which doesn t affect the skip flag but have a skip condition, are as follows.
Instructions
Skip conditions
Data
Transfer
LDA n
LDL n
If it is continuous, skip next same
instruction.
If it is continuous, skip next same
instruction.
Bit
Manipulate
SETB H
CLRB H
If SETB H or CLRB H are continuous,
skip next
SETB H or CLRB H instruction.
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34