| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD6830 bảng dữ liệu(PDF) 22 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SD6830 bảng dữ liệu(HTML) 22 Page - AUK corp |
|
22 / 34 page ![]() KSI-W002-000 22 CLRB F Binary code : 00001010 Syntax : [<label>] CLRB F Operation : F.(L) ← 0 Flags : CY: Unaffected SF: Unaffected Words/Cycles : 1/1 Description : Clears the specified bit of port F addressed by the lower 3-bit of register L to zero. Example : LDL 13 ; Load 13 to L CLRB F : Clears the bit 5 of F to zero CLRB G Binary code : 00101100 Syntax : [<label>] CLRB G Operation : G.(L) ← 0 Flags : CY: Unaffected SF: Unaffected Words/Cycles : 1/1 Description : Clears the port G to zero. Example : CLRB G ; Clear G to zero CLRB H Binary code : 00100100 Syntax : [<label>] CLRB H Operation : (H) ← 0 Flags : CY: Unaffected SF: Unaffected Words/Cycles : 1/1 Description : Clears the contents of register H to zero. Skip this instruction if it or SETB H was used just before. Example : IFEQU 1 CLRB H ; Clear H to zero and skip continuous SETB H/CLRB H, if (A)≠1 SETB H ; Sets H to one and skip continuous SETB H/CLRB H, if (A)=1 SD6830 |