| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5902AF bảng dữ liệu(PDF) 16 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5902AF bảng dữ liệu(HTML) 16 Page - Nippon Precision Circuits Inc |
|
16 / 40 page ![]() Bit Name Function HIGH-level state S7 FLAG6 Signal processor IC jitter margin exceeded Exceeded S6 MSOVF Write overflow (Read once only when RA exceeds WA) DRAM overflow S5 BOVF Input buffer memory overflow Input buffer memory overflow because sampling rate of input data is too fast S4 S3 DCOMP Data compare-connect sequence operating Compare-connect sequence operating S2 MSWIH Encode sequence stop due to internal factors Encoding stopped S1 MSRIH Decode sequence stop due to internal factors Decoding stopped S0 1001 0000 90hex = Refer to "Status flag operation summary". Bit Name Function HIGH-level state S7 MSEMP Valid data empty state (Always HIGH when RA exceeds VWA) No valid data S6 OVFL Write overflow state (Always HIGH when WA exceeds RA) Memory full S5 ENCOD Encode sequence operating state Encoding S4 DECOD Decode sequence operating state Decoding S3 QRDY Subcode Q data write-buffer write enable Write enabled S2 S1 S0 1001 0001 91hex = Refer to "Status flag operation summary". Read command summary Shock-proof memory status (1) 90 Shock-proof memory status (2) 91 NIPPON PRECISION CIRCUITS-16 SM5902AF |