| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5902AF bảng dữ liệu(PDF) 28 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5902AF bảng dữ liệu(HTML) 28 Page - Nippon Precision Circuits Inc |
|
28 / 40 page ![]() WA CAS RA CAS Encode compression mode Decode compression mode 3FE 3FF 001 002 004 005 3FD 3FE 3FF 001 002 A YMLD When 85H generated AB B 003 Selecting compression mode Even when the compression mode in selected with the 85H command during shock-proof operation,no malfunction occurs. The compression mode change is not performed immediately after input of the 85H command, but it is performed at the following timing. (note) CAS-000 is connect data. NIPPON PRECISION CIRCUITS-28 SM5902AF |