công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP100NA/250 bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP100NA/250
Giải thích chi tiết về linh kiện  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA/250 bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TMP100NA/250 Datasheet HTML 15Page - Texas Instruments TMP100NA/250 Datasheet HTML 16Page - Texas Instruments TMP100NA/250 Datasheet HTML 17Page - Texas Instruments TMP100NA/250 Datasheet HTML 18Page - Texas Instruments TMP100NA/250 Datasheet HTML 19Page - Texas Instruments TMP100NA/250 Datasheet HTML 20Page - Texas Instruments TMP100NA/250 Datasheet HTML 21Page - Texas Instruments TMP100NA/250 Datasheet HTML 22Page - Texas Instruments TMP100NA/250 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
SCL
GND
ALERT
2
4
1
V+
ADD0
6
3
5
0.01 PF
Two-Wire
Host Controller
TMP101
2.7 V to 5.5 V
SDA
Pull-Up Resistors
Supply Bypass
Capacitor
Supply Voltage
5-k
SCL
GND
ADD1
2
4
1
V+
ADD0
6
3
5
0.01 PF
Two-Wire
Host Controller
TMP100
SDA
Pull-Up Resistors
Supply Bypass
Capacitor
Supply Voltage
5-k
2.7 V to 5.5 V
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP100 and TMP101 devices are used to measure the printed circuit board (PCB) temperature of the board
location where the devices are mounted. The TMP100 features two address pins to allow up to eight devices to
be addressed on a single I2C interface. The TMP101 device features one address pin and an ALERT pin,
allowing up to three devices to be connected per bus. The TMP100 and TMP101 devices require no external
components for operation except for pullup resistors on SCL, SDA, and ALERT (TMP101 device), although a
0.1-
μF bypass capacitor is recommended.
The sensing device of the TMP100 and TMP101 devices is the chip itself. Thermal paths run through the
package leads as well as the plastic package. The die flag of the lead frame is connected to GND. The lower
thermal resistance of metal causes the leads to provide the primary thermal path. The GND pin of the TMP100 or
TMP101 device is directly connected to the metal lead frame, and is the best choice for thermal input.
8.2 Typical Application
Figure 12. Typical Connections of the TMP100
Figure 13. Typical Connections of the TMP101
8.2.1 Design Requirements
The TMP100 and TMP101 devices require pullup resistors on the SCL, SDA, and ALERT (TMP101 device) pins.
The recommended value for the pullup resistor is 5-k
Ω. In some applications, the pullup resistor can be lower or
higher than 5-k
Ω but must not exceed 3 mA of current on the SCL and SDA pins, and must not exceed 4 mA on
the ALERT (TMP101) pin. A 0.1-
μF bypass capacitor is recommended, as shown in Figure 12 and Figure 13.
The SCL, SDA, and ALERT lines can be pulled up to a supply that is equal to or higher than VS through the
pullup resistors. For the TMP100, to configure one of eight different addresses on the bus, connect ADD0 and
ADD1 to either the GND pin, V+ pin, or float. Float indicates the pin is left unconnected. For the TMP101 device,
to configure one of three different addresses on the bus, connect ADD0 to either the GND pin, V+ pin, or float.
8.2.2 Detailed Design Procedure
Place the TMP100 and TMP101 devices in close proximity to the heat source that must be monitored, with a
proper layout for good thermal coupling. This placement ensures that temperature changes are captured within
the shortest possible time interval. To maintain accuracy in applications that require air or surface temperature
measurement, care must be taken to isolate the package and leads from ambient air temperature. A thermally-
conductive adhesive is helpful in achieving accurate surface temperature measurement.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com