công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP435ADGST bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP435ADGST
Giải thích chi tiết về linh kiện  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TMP435ADGST Datasheet HTML 15Page - Texas Instruments TMP435ADGST Datasheet HTML 16Page - Texas Instruments TMP435ADGST Datasheet HTML 17Page - Texas Instruments TMP435ADGST Datasheet HTML 18Page - Texas Instruments TMP435ADGST Datasheet HTML 19Page - Texas Instruments TMP435ADGST Datasheet HTML 20Page - Texas Instruments TMP435ADGST Datasheet HTML 21Page - Texas Instruments TMP435ADGST Datasheet HTML 22Page - Texas Instruments TMP435ADGST Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
Consecutive Alert Register
does not trip on the measured temperature falling
edges. Allowable hysteresis values are shown in
The value in the Consecutive Alert Register (address
Table 11. The default hysteresis value is 10°C,
22h) determines how many consecutive out-of-limit
whether the device is operating in the standard or
measurements
must
occur
on
a
measurement
extended mode setting.
channel before the ALERT/THERM2 or the THERM
signal is activated. The value in this register does not
Identification Registers
affect bits in the Status Register. Values of one, two,
three, or four consecutive conversions can be
The TMP435 allows for the two-wire bus controller to
selected; one conversion is the default. This function
query the device for manufacturer and device IDs to
allows additional filtering for the ALERT/THERM2 or
enable the device for software identification of the
the THERM pin. Table 13 shows the consecutive
device at the particular two-wire bus address. The
alert bits. For bit descriptions, refer to Table 10.
manufacturer ID is obtained by reading from pointer
address FEh. The TMP435 returns 55h for the
Table 10. Consecutive Alert Register Bit
manufacturer code. The device ID is obtained by
Descriptions
reading from pointer address FDh. The TMP435
returns 31h for the device ID (see Table 3). These
BIT NAME
NUMBER OF
registers are read-only.
CONSECUTIVE
OUT-OF-LIMIT
MEASUREMENTS
Table 11. Allowable THERM Hysteresis Values
CALT2/CTH2 CALT1/CTH1 CALT0/CTH0
(ALERT/THERM)
THERM HYSTERESIS VALUE
0
0
0
1
TH[7:0]
0
0
1
2
TEMPERATURE
(STANDARD
0
1
1
3
(°C)
BINARY)
(HEX)
1
1
1
4
0
0000 0000
00
1
0000 0001
01
space.
5
0000 0101
05
10
0000 1010
0A
Therm Hysteresis Register
25
0001 1001
19
The THERM Hysteresis Register, shown in Table 12,
50
0011 0010
32
stores the hysteresis value used for the THERM pin
75
0100 1011
4B
alarm function and for the ALERT/THERM2 pin when
the AL/TH is 1. This register must be programmed
100
0110 0100
64
with a value that is less than the Local Temperature
125
0111 1101
7D
High Limit Register value, Remote Temperature High
127
0111 1111
7F
Limit Register value, Local THERM Limit Register
150
1001 0110
96
value, or Remote THERM Limit Register value;
175
1010 1111
AF
otherwise, the respective temperature comparator
200
1100 1000
C8
225
1110 0001
E1
255
1111 1111
FF
Table 12. THERM Hysteresis Register Format
THERM HYSTERESIS REGISTER
(Read = 21h, Write = 21h, POR = 0Ah)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
POR VALUE
0
0
0
0
1
0
1
0
Table 13. Consecutive Alert Register Format
CONSECUTIVE ALERT REGISTER
(READ = 22h, WRITE = 22h, POR = 70h)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
0
CTH2
CTH1
CTH0
CALT2
CALT1
CALT0
0
POR VALUE
0
1
1
1
0
0
0
0
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com