| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDSP16488A bảng dữ liệu(PDF) 25 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16488A bảng dữ liệu(HTML) 25 Page - Mitel Networks Corporation |
|
25 / 33 page ![]() 25 EPROM PROG CE RES DELOP D15:0 DELAYED SYNC SYNC IP7:0 PC0 R/W HRES BYPASS L7:0 PDSP16488A 8 4 WINDOW IP7:0 PC1 HRES R/W BYPASS L7:0 PROG CE RES D15:0 BIN OVR OEN DATA OUT BIN OVERFLOW OUTPUT ENABLE 16-BIT PIXEL DATA GND GND O/C GND PDSP16488A 8 4 WINDOW VDD 15k NOM MSB VDD 15k NOM VDD GND Non-interlaced HOST CPU PROG CE RES DELOP D15:0 ADDRESS DECODE DELAYED SYNC IP7:0 R/W HRES BYPASS L7:0 PDSP16488A 8 4 WINDOW DS PC1 IP7:0 HRES R/W BYPASS L7:0 PROG CE RES D15:0 BIN OVR OEN DATA OUT BIN OVERFLOW OUTPUT ENABLE 16-BIT PIXEL DATA VDD FIELD DELAY R/W REPLY O/C PDSP16488A 8 4 WINDOW Interlaced READ REGISTERS (TRISTATE ENABLE) MSB O/C MSB MSB LSB LSB D7:0 SYNC ODD FIELD PIXEL CLOCK CLK RESET RES PIXEL CLOCK CLK RESET RES Fig. 15 Dual device 16-bit systems. |