| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDSP16488A bảng dữ liệu(PDF) 17 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16488A bảng dữ liệu(HTML) 17 Page - Mitel Networks Corporation |
|
17 / 33 page ![]() 17 Voltage GND GND GND GND N/C N/C N/C N/C 5·0V N/C N/C 5·0V N/C N/C N/C N/C N/C Table 12 Life test/burn-in connections for PDSP16488A MA ACBR (PGA). NOTE: PDA is 5% and based on groups 1 and 7 Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 Pin 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 Voltage N/C N/C 5·0V N/C N/C 5·0V GND N/C N/C 5·0V GND 5·0V N/C N/C N/C N/C 5·0V GND N/C GND GND N/C N/C N/C N/C N/C GND N/C N/C N/C N/C N/C N/C Voltage N/C N/C N/C N/C N/C N/C GND N/C N/C N/C N/C N/C 5·0V N/C 5·0V N/C 5·0V N/C N/C N/C 5·0V GND GND N/C N/C N/C N/C N/C N/C GND GND N/C N/C Pin 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 Voltage N/C GND N/C GND N/C 5·0V GND 5·0V 5·0V GND 5·0V GND 5·0V 5·0V 5·0V 5·0V N/C GND GND GND GND GND 5·0V GND 5·0V GND 5·0V GND GND GND N/C GND N/C Pin 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 Voltage N/C 5·0V N/C N/C N/C N/C N/C GND N/C GND N/C 5·0V N/C N/C N/C GND N/C N/C N/C GND GND N/C 5·0V N/C N/C N/C N/C GND N/C N/C N/C N/C N/C Pin A1 B1 C2 C1 D2 D1 E2 E1 F2 G2 G1 H2 J1 J2 K1 K2 L1 Voltage GND N/C GND GND GND N/C GND GND GND GND 5·0V N/C 5·0V 5·0V 5·0V N/C GND Pin L2 M1 N1 N2 M3 N3 M4 N4 M5 N5 M6 M7 N7 M8 N9 M9 N10 Pin M10 N11 M11 N12 N13 M13 L12 L13 K12 K13 J12 J13 H12 G12 G13 F12 E13 Voltage N/C N/C N/C N/C N/C N/C N/C N/C GND N/C N/C N/C N/C GND 5·0V 5·0V GND Pin E12 D13 D12 C13 C12 B13 A13 A12 B11 A11 B10 A10 B9 A9 B8 B7 A7 Voltage 5·0V N/C N/C N/C 5·0V N/C N/C N/C N/C N/C N/C N/C N/C N/C 5·0V N/C N/C Pin B6 A5 B5 A4 B4 A3 B3 A2 F1 N6 F13 A6 H1 N8 H13 A8 Voltage N/C N/C N/C N/C N/C N/C N/C N/C 5·0V 5·0V 5·0V 5·0V GND GND GND GND Table 13 Life test/burn-in connections for PDSP16488A MA GCPR (QFP). NOTE: PDA is 5% and based on groups 1 and 7 |