| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCM856DS bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BCM856DS bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 14 page ![]() BCM856BS_BCM856DS_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 7 August 2008 8 of 14 NXP Semiconductors BCM856BS; BCM856DS PNP/PNP matched double transistors 8. Application information 9. Test information 9.1 Quality information This product has been qualified in accordance with the Automotive Electronics Council (AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in automotive applications. 10. Package outline Fig 9. Current mirror Fig 10. Differential amplifier 006aaa524 VCC lout R1 TR2 TR1 006aaa526 IN2 IN1 TR2 TR1 OUT2 V − V + OUT1 Fig 11. Package outline SOT363 (SC-88) Fig 12. Package outline SOT457 (SC-74) 06-03-16 Dimensions in mm 0.25 0.10 0.3 0.2 pin 1 index 1.3 0.65 2.2 2.0 1.35 1.15 2.2 1.8 1.1 0.8 0.45 0.15 13 2 4 65 04-11-08 Dimensions in mm 3.0 2.5 1.7 1.3 3.1 2.7 pin 1 index 1.9 0.26 0.10 0.40 0.25 0.95 1.1 0.9 0.6 0.2 13 2 4 5 6 |