công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE9040 bảng dữ liệu(PDF) 24 Page - Mitel Networks Corporation

tên linh kiện ACE9040
Giải thích chi tiết về linh kiện  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 bảng dữ liệu(HTML) 24 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 20Page - Mitel Networks Corporation ACE9040 Datasheet HTML 21Page - Mitel Networks Corporation ACE9040 Datasheet HTML 22Page - Mitel Networks Corporation ACE9040 Datasheet HTML 23Page - Mitel Networks Corporation ACE9040 Datasheet HTML 24Page - Mitel Networks Corporation ACE9040 Datasheet HTML 25Page - Mitel Networks Corporation ACE9040 Datasheet HTML 26Page - Mitel Networks Corporation ACE9040 Datasheet HTML 27Page - Mitel Networks Corporation ACE9040 Datasheet HTML 28Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24
ACE9040
selected by setting the SATS bit to “1” in the “Initializing
mode 1” control message. The ACE9040 connects the receive
filter RXSAT output through a Schmitt trigger to drive pin RSO
with a logic level version of the received SAT. A system
controller, such as an ACE9050, detects the frequency and
generates a digital signal to drive back into the ACE9040 on
pin TSI. After the signal level is reduced by -12 dB a 6 kHz
bandpass filter TXSAT converts this square-wave into a
sinewave. This is followed by a - 15 dB attenuator to reduce
the near logic level signal to a normal modulation level. This
signal drives the same SATDEV deviation setting stage and
mute switch SATM as the returned signal to give an output at
TSO.
Base Station Originated SAT
ACE9050, System Controller, can be used to generate a
squarewave SAT at 6 kHz which is input to pin TSI and filtered
by the TXSAT filter and output at TSO. The RXSAT filter path
with its output at RSO, can be used to filter the received SAT
from a mobile for verification by an external frequency detector
that the mobile is transponding the correct tone. This is the
same as the regeneration loop above but starting with genera-
tion.
TRANSMIT SIGNAL COMBINER
Fig. 14 Transmit Signal Combining Network and Modulation Driver
component value tolerances can be made by setting:
AUDIODEV, SATDEV and DATADEV gains, described in
more detail in the sections TRANSMIT VOICE PATH,
TRANSMIT AND RECEIVE SAT PATHS, and TRANSMIT
DATA AND DTMF PATHS. A fine adjustment is made to the
combined signal level by TXSENSE which drives the modula-
tor through pin MOD. The gain of TXSENSE is set by bits
TXSEN[3:0] in the “Initializing mode 1” control message over
the range – 2·8 to + 3·2 dB.
Used to modulate the transmitted r.f. output, the speech
and optional DTMF signals at TLPO, SAT at TSO, and data
and ST at DATO, are combined using an internal op-amp. This
op-amp has an inverting input at pin SUMI and output at pin
SUMO, the non-inverting input is internally biased to VMID.
With an external feedback resistor between SUMI and SUMO,
external resistors sum the inputs into pin SUMI and are chosen
for each different cellular system to select the relative and
absolute gains to give the correct deviation for each compo-
nent of the modulation. Individual fine adjustments to take out
AUDIO
SAT
DATA
TSO
TLPO
DATO
SUMO
SUMI
MOD
AUDIODEV
SATDEV
DATADEV
30dB
VMID
TXSENSE
-2.8 to +3.2dB
TXSEN[3:0]
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com