công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE9040 bảng dữ liệu(PDF) 10 Page - Mitel Networks Corporation

tên linh kiện ACE9040
Giải thích chi tiết về linh kiện  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 bảng dữ liệu(HTML) 10 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation ACE9040 Datasheet HTML 10Page - Mitel Networks Corporation ACE9040 Datasheet HTML 11Page - Mitel Networks Corporation ACE9040 Datasheet HTML 12Page - Mitel Networks Corporation ACE9040 Datasheet HTML 13Page - Mitel Networks Corporation ACE9040 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
ACE9040
Characteristic
Value
Unit
Conditions
Min.
Typ.
Max.
TXSAT Filter 6 kHz
TXSAT gain
– 29.0
– 25.0
dB
TACS =1, SATS = 1, Output = 1 Vpp
at 6030 Hz
TXSAT 6 kHz frequency response
– 90.0
– 35.0
dB
f = 2520 Hz
Relative to 6030 Hz
– 90.0
– 35.0
dB
f = 3500 Hz
SATS = 1
– 90.0
– 35.0
dB
f = 4120 Hz
TACS = 1
– 29.0
– 24.0
dB
f = 4980 Hz
SATD = 15 (0 dB)
– 0.30
0.50
dB
f = 5900 Hz
SATM = 1
– 0.10
0.35
dB
f = 5960 Hz
– 0.10
0.35
dB
f = 6030 Hz
– 0.30
0.50
dB
f = 6090 Hz
– 26.5
– 22.0
dB
f = 7010 Hz
– 60.0
– 35.0
dB
f = 8060 Hz
– 60.0
– 35.0
dB
f = 9040 Hz
– 80.0
– 35.0
dB
f = 9290 Hz
TXSAT Noise
– 71.0
dBV
Gain Stage SATDEV
Nominal gain
0
dB
Gain adjustment range
- 4.5
4.8
dB
SATS = 0, TACS = 1, SATM = 1
Gain adjustment size
0.05
0.3
0.55
dB
SATD[4:0] = 0 to 31
Distortion
2
% THD
Output = 1.1 Vpp
SATM switch mute attenuation
40
dB
SATM = 0
DTMF Generator
DTMF output level
60
85
mVrms
V
DD = 3.6 V, high & low tone
DTMF single tone distortion:
TONEM switch on (via TBPO)
5
% THD
Low group, TONEM = 1
TONEM switch off
– 40
dB
TONEM = 0
DTMF switch on (via RBPO)
5
% THD
High group, DTMFM = 1
DTMF switch off
– 40
dB
DTMFM = 0
DTMF high group pre-emphasis
– 0.5
0.5
dB
DTWIST = 0
1.5
2.5
dB
DTWIST = 1
Gain Stage TXSENSE, SUMI to MOD pins
Gain
- 0.5
0
0.5
dB
Output at MOD.
Gain adjustment
- 2.8
3.2
dB
TXSEN[3:0] = 0 to 15
Gain adjustment step size
0.2
0.4
0.6
dB
Distortion
2
%THD
Output = 1 Vrms
Noise
– 80
dBV
BW = 30 Hz to 30 kHz
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com