| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC79451KB bảng dữ liệu(PDF) 27 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC79451KB bảng dữ liệu(HTML) 27 Page - ON Semiconductor |
|
27 / 38 page ![]() LC79451KB No.A2223-27/38 (4) Control Register 4 (Waveform Generation and RESET Detection) Address : F3 D7 D6 D5 D4 D3 D2 D1 D0 * * * * * * STERR START * * * * * * (1) (0) *: Non use ( ) default 1) START ⋅⋅⋅ Waveform output signal 0 : Waveform is not output. Data do not shift. 1 : Waveform is output. Data shift. START Flag is automatically canceled with finish of waveform output. 2) STERR ⋅⋅⋅ RESET detection signal You can detect reset outbreak by set “0” after RESET = H, and reading a register or monitoring DAOUT. 0 : No outbreak of reset. 1 : Outbreak of reset. |