| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC79451KB bảng dữ liệu(PDF) 23 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC79451KB bảng dữ liệu(HTML) 23 Page - ON Semiconductor |
|
23 / 38 page ![]() LC79451KB No.A2223-23/38 Address Data HEX D7 D6 D5 D4 D3 D2 D1 D0 Contents L3A BAh - - - - - - (0) (0) Output Level W3 - S(A) L3B BBh - - - - - - (0) (0) Output Level W3 - S(B) T0 C0h - (0) (0) (0) (0) (1) (0) (1) Output Time W0 to W3 - S(0) T1 C1h - (0) (0) (0) (1) (1) (1) (0) Output Time W0 to W3 - S(1) T2 C2h - (0) (0) (0) (1) (1) (1) (0) Output Time W0 to W3 - S(2) T3 C3h - (0) (0) (1) (1) (1) (0) (1) Output Time W0 to W3 - S(3) T4 C4h - (0) (0) (1) (1) (1) (0) (1) Output Time W0 to W3 - S(4) T5 C5h - (0) (0) (1) (1) (1) (0) (1) Output Time W0 to W3 - S(5) T6 C6h - (0) (0) (1) (1) (1) (0) (1) Output Time W0 to W3 - S(6) T7 C7h - (0) (0) (1) (1) (1) (0) (1) Output Time W0 to W3 - S(7) T8 C8h - (0) (0) (0) (0) (0) (0) (1) Output Time W0 to W3 - S(8) T9 C9h - (0) (0) (0) (0) (0) (0) (1) Output Time W0 to W3 - S(9) TA CAh - (0) (0) (0) (0) (0) (0) (1) Output Time W0 to W3 - S(A) TB CBh - (0) (0) (0) (0) (0) (0) (1) Output Time W0 to W3 - S(B) LR0 D0h - - - - - - (0) (1) Output Level WR - S(0) LR1 D1h - - - - - - (0) (1) Output Level WR - S(1) LR2 D2h - - - - - - (1) (0) Output Level WR - S(2) LR3 D3h - - - - - - (1) (0) Output Level WR - S(3) TR0 E0h - (0) (0) (0) (0) (1) (1) (1) Output Time WR - S(0) TR1 E1h - (0) (0) (0) (0) (1) (1) (1) Output Time WR - S(1) TR2 E2h - (0) (0) (0) (0) (1) (1) (1) Output Time WR - S(2) TR3 E3h - (0) (0) (0) (0) (1) (1) (1) Output Time WR - S(3) |