công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSM23P-2AG bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện TSM23P-2AG
Giải thích chi tiết về linh kiện  NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TSM23P-2AG bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  TSM23P-2AG Datasheet HTML 1Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 2Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 3Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 4Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 5Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 6Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 7Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 8Page - List of Unclassifed Manufacturers TSM23P-2AG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
The TSM23P-2AG integrated StepSERVO™ is a drive+motor unit, fusing a NEMA 23 step motor and a servo drive
into a single device. Power to the drive, located at the rear of the motor, must be supplied by an external DC
supply. See Related and Recommended Products below for compatible 24 and 48 volt DC power supplies .
StepSERVO technology combines the high torque capabilities of a step motor with the closed loop dynamic control
of a servo system. The result is a highly customizable motion control solution that operates quietly and efficiently,
requiring only the minimum amount of current to maintain commanded position and velocity. Boost torque of 25-
50% higher than the rated holding torque that is available from this integrated StepSERVO motor increases the
limits of acceleration, leading to faster cycle times. With software selectable servo loops that have been pre-tuned
for various inertial loads, the TSM step servo can be applied in systems where a traditional stepper would not be
capable of achieving the high accuracy required.
The TSM23P-2AG integrated StepSERVO comes with 4 digital inputs and 3 digital outputs and is designed for
step & direction control from an external controller. The external controller can be a motion controller, PLC, or
other device that provides two digital outputs: one output for digital pulses to control position and velocity of the
motor, and a second output to control the direction of the motor, CW and CCW. An additional control mode, known
as Encoder Following or A/B Quadrature, can also be used to control this motor. The third and fourth digital inputs
may be used for servo enable and alarm reset functions respectively. The digital inputs accept signals of 5-24
VDC and are used for connecting pulse & direction signals or quadrature encoder signals, as well as PLC outputs,
sensors, or relays. The digital outputs can be connected to PLC inputs, counters, lights, relays, or other devices.
The TSM23P-2AG comes with an RS-232 port for configuration and servo loop tuning with Applied Motion’s Step-
Servo Quick Tuner software. An integral 5000-line (20,000 count/rev) incremental encoder is housed inside the
same enclosure as the drive electronics and used for closed-loop servo control to attain highly accurate position
and velocity control. These differential encoder signals (A,B,Z channels) can be accessed directly from the I/O
connector pins for use with a 3rd party multi-axis controller.
What’s in the Box?
TSM23P-2AG integrated motor
Mating power connector (2-pin)
3004-309-2M I/O cable (for details see Accessories below)
3004-294 programming cable
Screwdriver
Quick Setup Guide (also available in Downloads)
NOT included:
DC power supply (required), see Power Supplies below
Regen clamp (optional), see Accessories below
Additional accessories available below
Description



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com