| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KAI-08050 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-08050 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 31 page ![]() KAI−08050 www.onsemi.com 2 ORDERING INFORMATION Table 2. ORDERING INFORMATION Part Number Description Marking Code KAI−08050−AAA−JP−BA Monochrome, No Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Standard Grade KAI−08050−AAA Serial Number KAI−08050−AAA−JP−AE Monochrome, No Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Engineering Grade KAI−08050−ABA−JD−BA Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08050−ABA Serial Number KAI−08050−ABA−JD−AE Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade KAI−08050−ABA−JP−BA Monochrome, Telecentric Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Standard Grade KAI−08050−ABA−JP−AE Monochrome, Telecentric Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Engineering Grade KAI−08050−CBA−JD−BA Gen1 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08050−CBA Serial Number KAI−08050−CBA−JD−AE Gen1 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade KAI−08050−CBA−JB−B2 Gen1 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass (no coatings), Grade 2 KAI−08050−CBA−JB−AE Gen1 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass (no coatings), Engineering Grade KAI−08050−PBA−JD−BA Gen1 Color (TRUESENSE Sparse CFA), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08050−PBA Serial Number KAI−08050−PBA−JD−AE Gen1 Color (TRUESENSE Sparse CFA), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade NOTE: Not recommended for new designs. Consider device KAI−08051. See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. |